Part Number Hot Search : 
SG6980 GS9002A 025PR CC300 29LV033 F4010 LBN08025 1590A
Product Description
Full Text Search
 

To Download MRF1015MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
The RF Line
SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF1015MA/D
Microwave Pulse Power Transistors
. . . designed for Class B and C common base amplifier applications in short and long pulse TACAN, IFF, DME, and radar transmitters. * Guaranteed Performance @ 1090 MHz, 50 Vdc Output Power = 15 Watts Peak Minimum Gain = 10 dB * 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR * Industry Standard Package * Nitride Passivated * Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal Migration * Internal Input Matching for Broadband Operation * Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ. MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Total Device Dissipation @ TC = 25C (1) Derate above 25C Storage Temperature Range Symbol VCES VCBO VEBO IC PD Tstg Value 60 60 4.0 1.0 17.5 100 - 65 to +150 Unit Vdc Vdc Vdc Adc Watts mW/C C
MRF1015MA MRF1015MB
15 W (PEAK), 960 - 1215 MHz MICROWAVE POWER TRANSISTORS NPN SILICON
CASE 332-04, STYLE 1 MRF1015MA
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case (2) Symbol RJC Max 10 Unit C/W CASE 332A-03, STYLE 1 MRF1015MB
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 10 mAdc, VBE = 0) Collector-Base Breakdown Voltage (IC = 10 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 1.0 mAdc, IC = 0) Collector Cutoff Current (VCB = 50 Vdc, IE = 0) V(BR)CES V(BR)CBO V(BR)EBO ICBO 60 60 4.0 -- -- -- -- -- -- -- -- 1.0 Vdc Vdc Vdc mAdc
ON CHARACTERISTICS
DC Current Gain (IC = 250 mAdc, VCE = 5.0 Vdc) hFE 10 40 100 --
NOTES: (continued) 1. These devices are designed for RF operation. The total device dissipation rating applies only when the device is operated as RF amplifiers. 2. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques.
REV 6
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1994
MRF1015MA MRF1015MB 1
ELECTRICAL CHARACTERISTICS -- continued (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 50 Vdc, IE = 0, f = 1.0 MHz) Cob -- 5.0 7.5 pF
FUNCTIONAL TESTS (Pulse Width = 10 s, Duty Cycle = 1.0%)
Common-Base Amplifier Power Gain (VCC = 50 Vdc, Pout = 15 W Peak, f = 1090 MHz) Collector Efficiency (VCC = 50 Vdc, Pout = 15 W Peak, f = 1090 MHz) Load Mismatch (VCC = 50 Vdc, Pout = 15 W Peak, f = 1090 MHz, VSWR = 10:1 All Phase Angles) GPB No Degradation in Power Output 10 30 12.5 35 -- -- dB %
+ + C2 L1 L2 C3 C4 - 50 Vdc
RF INPUT Z1 Z2
DUT C1 Z3 Z4 Z5 Z6 Z7 Z8
RF OUTPUT
C1, C2 -- 220 pF 100 mil Chip Capacitor C3 -- 0.1 F C4 -- 47 F/75 V Electrolytic Capacitor L1, L2 -- 3 Turns #18 AWG, 1/8 ID Z1-Z8 -- Microstrip, See Photomaster Board Material -- 0.032 Glass Teflon Board Material -- r = 2.5
Figure 1. 1090 MHz Test Circuit
MRF1015MA MRF1015MB 2
MOTOROLA RF DEVICE DATA
18 Pout , OUTPUT POWER (WATTS pk) Pout , OUTPUT POWER (WATTS pk)
18 Pin = 1.2 W pk 15 1 W pk 0.85 W pk 12 0.75 W pk 9 VCC = 50 V tP = 10 s D = 1% 0.6 W pk
15
f = 960 MHz 1090 MHz 1215 MHz
12
9 VCC = 50 V tP = 10 s D = 1%
6
6
3
0
0.3
0.6 0.9 Pin, INPUT POWER (WATTS pk)
1.2
1.5
3 960 1090 f, FREQUENCY (MHz) 1215
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
18 Pout , OUTPUT POWER (WATTS pk) tP = 10 s D = 1% f = 1090 MHz
Pin = 1.2 W pk 0.85 W pk G PB , POWER GAIN (dB)
15 Pout = 15 W pk VCC = 50 V tP = 10 s D = 1%
15
14
12 0.75 W pk 0.6 W pk 6
13
9
12
11 10 0 5 10 15 20 25 30 35 VCC, SUPPLY VOLTAGE (VOLTS) 40 45 50 960 1090 f, FREQUENCY (MHz) 1215
3
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
- j5.0 - j10 - j15
0
+ j5.0 + j10 + j15 Pout = 15 W pk VCC = 50 V tp = 10 s D = 1% f MHz 960 1090 1215 Zin Ohms 5.9 + j13.6 5.5 + j11.5 4.0 + j12.5 ZOL* Ohms 12.5 - j15 12.4 - j12.8 12.1 - j10
5.0
1090
10
1215 f = 960 MHz
ZOL* 1090 f = 960 MHz
Zin 1215
15
ZOL* = Conjugate of the optimum load ZOL* = impedance into which the device ZOL* = output operates at a given output ZOL* = power, voltage, and frequency.
20
Coordinates in Ohms
Figure 6. Series Equivalent Input/Output Impedances
MOTOROLA RF DEVICE DATA
MRF1015MA MRF1015MB 3
PACKAGE DIMENSIONS
L M
4 NOTES: 1. DIMENSION K APPLIES TWO PLACES. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1973. 3 2
K
1
D
DIM A B C D E F H J K L M N U STYLE 1: PIN 1. 2. 3. 4. BASE EMITTER BASE COLLECTOR
A H F U
8-32 UNC 2A
J
N
C
-T-
SEATING PLANE
MILLIMETERS MIN MAX 6.86 7.62 6.10 6.60 16.26 16.76 4.95 5.21 1.40 1.65 2.67 4.32 1.40 1.65 0.08 0.18 15.24 --- 2.41 2.67 45 _NOM 4.97 6.22 2.92 3.68
INCHES MIN MAX 0.270 0.300 0.240 0.260 0.640 0.660 0.195 0.205 0.055 0.065 0.105 0.170 0.055 0.065 0.003 0.007 0.600 --- 0.095 0.105 45 _NOM 0.180 0.245 0.115 0.145
E -B- 0.76 (0.030)
M
TB
M
CASE 332-04 ISSUE D MRF1015MA
F
4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A C D F H J K INCHES MIN MAX 0.270 0.290 0.115 0.135 0.195 0.205 0.095 0.105 0.050 0.070 0.003 0.007 0.600 --- MILLIMETERS MIN MAX 6.86 7.36 2.93 3.42 4.96 5.20 2.42 2.66 1.27 1.77 0.08 0.17 15.24 ---
K
1
3
D
2 STYLE 1: PIN 1. 2. 3. 4.
H
SEATING PLANE
A
J C
BASE EMITTER BASE COLLECTOR
CASE 332A-03 ISSUE D MRF1015MB
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MRF1015MA MRF1015MB 4
*MRF1015MA/D*
MRF1015MA/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of MRF1015MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X